PART |
Description |
Maker |
STM32F100VCT6 STM32F100VCT6BTR STM32F100VCT7BTR ST |
Mainstream Value line, ARM Cortex-M3 MCU with 384 Kbytes Flash, 24 MHz CPU, motor control and CEC functions Mainstream Value line, ARM Cortex-M3 MCU with 256 Kbytes Flash, 24 MHz CPU, motor control and CEC functions Mainstream Value line, ARM Cortex-M3 MCU with 512 Kbytes Flash, 24 MHz CPU, motor control and CEC functions High-density value line, advanced ARM-based 32-bit MCU with 256 to 512 KB Flash, 16 timers, ADC, DAC & 11 comm interfaces Mainstream Value line, ARM Cortex-M3 MCU with 512 Kbytes, 24 MHz CPU, motor control and CEC functions
|
ST Microelectronics STMicroelectronics N.V.
|
PIC18F2455 PIC18F2550 PIC18F445 PIC18F4455 PIC18F4 |
A Full Speed USB2.0 capable, PIC18 microcontroller with 32 Kbytes of Enhanced FLASH program memory, 2 Kbytes of RAM (1 Kbyte dual port), 256 bytes of data EEPROM and a complete selection of analog and digital peripherals. Ideal for low pow A Full Speed USB2.0 capable, PIC18 microcontroller with 24 Kbytes of Enhanced FLASH program memory, 2 Kbytes of RAM (1 Kbyte dual port), 256 bytes of data EEPROM and a complete selection of analog and digital peripherals. Ideal for low pow 28/40/44-Pin High-Performance, Enhanced Flash USB Microcontrollers with nanoWatt Technology 28/40/44-Pin High-Performance Enhanced Flash USB Microcontrollers with nanoWatt Technology 28/40/44-Pin High-Performance / Enhanced Flash USB Microcontrollers with nanoWatt Technology
|
MICROCHIP[Microchip Technology] Microchip Technology Inc.
|
AT89C51ID2 |
High performance 8-bit microcontroller 64 Kbytes Flash, 2 Kbytes EEPROM and Two Wire Interface (TWI).
|
Atmel
|
ST7FLCD1 |
8-bit MCU for LCD Monitors with 60 KBytes Flash, 2 KBytes RAM, 2 DDC Ports and Infrared Controller
|
STMICROELECTRONICS[STMicroelectronics]
|
ST7FLCD1 ST7FLCD1G9M1 |
60 KBYTE FLASH 8-BIT MCU FOR LCD MONITORS WITH 2K RAM, 8-BIT ADC, TIMER, PWMS, 2 DDC, I2C, IFR 8-bit MCU for LCD Monitors with 60 KBytes Flash,2 KBytes RAM, 2 DDC Ports and Infrared Controller
|
ST Microelectronics STMicroelectronics
|
AM28F020A AM28F020A-120FCB AM28F020A-150FCB AM28F0 |
RES 562-OHM 1% 0.125W 100PPM THK-FILM SMD-0805 TR-7-PA 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 256K X 8 FLASH 12V PROM, 90 ns, PDIP32 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 256K X 8 FLASH 12V PROM, 90 ns, PDSO32 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 2兆位56亩8位)的CMOS 12.0伏,整体擦除闪存的嵌入式记忆算法 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 2兆位256亩8位)CMOS 12.0伏,整体擦除闪存的嵌入式记忆算法 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 2兆位256亩8位)的CMOS 12.0伏,整体擦除闪存的嵌入式记忆算法 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 256K X 8 FLASH 12V PROM, 70 ns, PDSO32 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 256K X 8 FLASH 12V PROM, 150 ns, PQCC32 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 256K X 8 FLASH 12V PROM, 200 ns, PQCC32 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 256K X 8 FLASH 12V PROM, 120 ns, PDIP32 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 256K X 8 FLASH 12V PROM, 200 ns, PDSO32 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 256K X 8 FLASH 12V PROM, 120 ns, PDSO32
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
AT945 AT94S40AL-25DGI AT94S05 AT94S05AL AT94S05AL- |
Secure 5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36 Kbytes of SRAM and On-chip Program Storage EEPROM Secure 5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller,up to 36 Kbytes of SRAM and On-chip Program Storage EEPROM The Secure FPSLIC combines our AT94K05AL FPSLIC device and a secure configuration EEPROM in a single 256-pin CABGA package. Secure 5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller/ up to 36 Kbytes of SRAM and On-chip Program Storage EEPROM The Secure FPSLIC combines our AT94K10AL FPSLIC device and a secure configuration EEPROM in a single (256 BGA and 144LQ) package. The Secure FPSLIC combines our AT94K40AL FPSLIC device and a secure configuration EEPROM in a single (256 BGA and 144 LQ) package.
|
Atmel Corp. ATMEL[ATMEL Corporation]
|
S87C51FB S87C51FB-1 |
CHMOS single-chip 8-bit microcontroller. Commercial. 3.5 MHz to 12 MHz, EPROM 16 Kbytes, RAM 256 bytes
|
Intel
|
SST31LF043A-70-4C-WI SST31LF041-300-4E-WH SST31LF0 |
4 Mbit Flash 1 Mbit or 256 Kbit SRAM ComboMemory 4 Mbit闪存1兆位56千位的SRAM ComboMemory 4 Mbit Flash 1 Mbit or 256 Kbit SRAM ComboMemory 4 Mbit闪存1兆位56千位SRAM ComboMemory 4 Mbit Flash 1 Mbit or 256 Kbit SRAM ComboMemory SPECIALTY MEMORY CIRCUIT, PDSO32 XTAL MTL SMT HC49/USM 4 Mbit闪存1兆位56千位的SRAM ComboMemory XTAL CER SMT 7X5 2PAD 16-Bit Delta-Sigma ADC with internal reference, PGA and oscillator. I2C Serial Interface 6-SOT-23 DIODE SWITCH 75V 350MW SOT-23 RECTIFIER SCHOTTKY SINGLE 5A 60V 175A-Ifsm 0.7Vf 0.5A-IR SMC 3K/REEL
|
SILICON STORAGE TECHNOLOGY INC Silicon Storage Technology, Inc.
|
AT89C51RB2 AT89C51RC2 |
High performance 8-bit Microcontroller 16 kbytes Flash High performance 8-bit microcontroller 32 Kbytes Flash
|
Atmel
|
IS89C64 IC89C58 IC89C54 IC89C64 |
CMOS SINGLE CHIP 8-BIT MICROCONTROLLER with 16/32/64-Kbytes of FLASH
|
ICSI[Integrated Circuit Solution Inc]
|
|